Part Number Hot Search : 
PN16229 SM1010 HT46R M2021 BD4148SE AD812 MM3Z18VB 2SD2212
Product Description
Full Text Search
 

To Download DFA10S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  df005sa, df01sa, df 02sa, df04sa, df06sa, df08sa, df10sa www.vishay.com vishay general semiconductor revision: 19-aug-13 1 document number: 88574 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 miniature glass passivated single-phase surface mount bridge rectifiers features ? ul recognition, file number e54214 ? ideal for automated placement ? middle surge current capability ? meets msl level 1, per j-std-020, lf maximum peak of 260 c ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 typical applications general purpose use in ac/dc bridge full wave rectification for smps, lighting ballaster, adap ter, battery charger, home appliances, office equipment, and telecommunication applications. mechanical data case: dfs molding compound meets ul 94 v-0 flammability rating base p/n-e3 - rohs-co mpliant, commercial grade terminals: matte tin plated leads, solderable per j-std-002 and jesd22-b102 ? e3 suffix meets jesd 201 class 1a whisker test polarity: as marked on body ? note (1) units mounted on pcb with 0.51" x 0.51" (13 mm x 13 mm) copper pads primary characteristics package dfs i f(av) 1 a v rrm 50 v, 100 v, 200 v, 400 v, 600 v, 800 v, 1000 v i fsm 30 a i r 5 a v f at i f = 1.0 a 1.1 v t j max. 150 c diode variations quad ~ ~ case style dfs ~ ~ maximum ratings (t a = 25 c unless otherwise noted) parameter symbol df005sa df01sa df02sa df04sa df06sa df08sa df10sa unit device marking code dfa005s dfa01s dfa02s dfa04s dfa06s dfa08s DFA10S maximum repetitive pe ak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum average forward output rectified current at t a = 40 c (1) i f(av) 1.0 a peak forward surge current single half sine-wave superimposed on rated load i fsm 30 a rating for fusing (t < 8.3 ms) i 2 t4.5a 2 s operating junction and storage temperature range t j , t stg - 55 to + 150 c
df005sa, df01sa, df 02sa, df04sa, df06sa, df08sa, df10sa www.vishay.com vishay general semiconductor revision: 19-aug-13 2 document number: 88574 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note (1) measured at 1.0 mhz and applied reverse voltage of 4.0 v note (1) units mounted on pcb with 0.51" x 0.51" (13 mm x 13 mm) copper pads ? ratings and characteristics curves (t a = 25 c unless otherwise noted) fig. 1 - derating curve output rectified current fig. 2 - maximum non-repetitive peak forward surge current per diode electrical characteristics (t a = 25 c unless otherwise noted) parameter test conditions symbol df005sa df 01sa df02sa df04sa df06sa df08sa df10sa unit maximum instantaneous forward voltage drop per diode 1.0 a v f 1.1 v maximum dc reverse current at rated dc blocking voltage per diode t a = 25 c i r 5.0 a t a = 125 c 500 typical junction capacitance per diode (1) c j 25 pf thermal characteristics (t a = 25 c unless otherwise noted) parameter symbol df005sa df01sa df02sa df04sa df06sa df08sa df10sa unit typical thermal resistance (1) r ? ja 40 c/w r ? jl 15 ordering information (example) preferred p/n unit weight (g ) preferred package code ba se quantity delivery mode df06sa-e3/45 0.386 45 50 tube df06sa-e3/77 0.386 77 1500 13" diameter paper tape and reel 20 40 60 80 100 120 140 160 0 0.5 1.0 60 hz resisti v e or ind u cti v e load ambient temperat u re (c) a v erage for w ard o u tp u t c u rrent (a) p.c.b. mo u nted on 0.51 x 0.51" (13 x 13 mm) copper pads 1 10 100 0 5 10 15 20 25 30 t j = 150 c single sine-wa v e nu mber of cycles at 60 hz peak for w ard s u rge c u rrent (a) 1.0 cycle
df005sa, df01sa, df 02sa, df04sa, df06sa, df08sa, df10sa www.vishay.com vishay general semiconductor revision: 19-aug-13 3 document number: 88574 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 3 - typical forward characteristics per diode fig. 4 - typical reverse leakage ch aracteristics per diode fig. 5 - typical junction c apacitance per diode fig. 6 - typical transient thermal impedance ? package outline dimensions in inches (millimeters) 0.4 0.6 0.8 1.0 1.2 1.4 0.01 0.1 1 10 instantaneo u s for w ard v oltage ( v ) instantaneo u s for w ard c u rrent (a) t j = 25 c p u lse width = 300 s 1 % d u ty cycle 0 20 40 60 80 100 0.01 0.1 1 10 100 t j = 125 c t j = 50 c percent of rated peak re v erse v oltage (%) instantaneo u s re v erse c u rrent (a) 1 10 100 1 10 100 re v erse v oltage ( v ) j u nction capaci tance (pf) t j = 25 c f = 1.0 mhz v sig = 50 m v p-p 0.01 0.1 1 10 100 0.1 1 10 100 t - heating time (s) transient thermal impedance (c/w) mounting pad la yout 0.255 (6.5) 0.245 (6.2) 0.013 (0.330) 0.009 (0.241) 0.060 (1.524) 0.040 (1.016) 0.404 (10.3) 0.013 (0.330) 0.003 (0.076) 0.047 (1.20) 0.040 (1.02) 0.205 (5.2) 0.195 (5.0) 0.335 (8.51) 0.320 (8.13) 0.130 (3.3) 0.120 (3.05) 45 0.386 (9.80) case style dfs 0.404 max. (10.26 max.) 0.205 (5.2) 0.195 (5.0) 0.047 mi n . (1.20 mi n .) 0.060 mi n . (1.52 mi n .)
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of DFA10S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X